PART |
Description |
Maker |
AX3515A |
Dual High-Efficiency PWM Step-Down DC-DC Converter
|
AXElite
|
5962-8994302QX 5962-8994303QX 5962-8994305QX 5962- |
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit 多模先进先出 High-Efficiency, Current-Mode, Inverting PWM Controller 多模先进先出 White LED Step-Up Converter in SOT23 多模先进先出
|
PHOENIX CONTACT Deutschland GmbH
|
AUR9707 AUR9707AGD |
Dual High-efficiency PWM Step-down DC-DC Converter with OVP
|
Diodes BCD Semiconductor Manufacturing Limited
|
AN6012 |
High Efficiency PWM Step-Down DC/DC Converter
|
ANT
|
MAX1655EEETG068 |
High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
|
MAXIM - Dallas Semiconductor
|
RT8008 RT8008-15PB RT8008-15PJ5 RT8008-12PB RT8008 |
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corp... Richtek Technology Corporation Richtek Technology Corporat...
|
RT8010BGQW RT8010B |
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
MAX1652/1655 |
High-Efficiency PWM Step-Down DC-DC Controllers in 16-Pin QSOP
|
Maxim Integrated Products, Inc.
|
LP3204A-15B5 LP3204 LP3204B-15B5 LP3204B-18B5 LP32 |
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
LP3202-A18B5F LP3202-A28B5F LP3202-A33B5F LP3202-A |
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
RT8010-12GQW RT8010-16PQW RT8010-33GQW RT8010-10GQ |
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter 1.5MHz的,1A,高效PWM降压DC / DC转换 1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter 1.5MHz的,A,高效PWM降压DC / DC转换
|
Richtek Technology Corporation Richtek Technology, Corp.
|